Part Number Hot Search : 
EE08523 TP8472BP MAC97A 74ACT521 JPM160 GRM21B MC675 JPM160
Product Description
Full Text Search
 

To Download MV6300A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS HIGH EFF. RED YELLOW GREEN AIGaAs RED HLMP-6305A HLMP-6405A HLMP-6505A HLMP-Q105A Water Water Water Water Clear Clear Clear Clear MV6700A MV6300A MV6400A HLMP-Q150A Diffused Diffused Diffused Diffused
PACKAGE DIMENSIONS
.276 (7.0) MIN .087 (2.2) .079 (2.0) .276 (7.0) MIN .020 (.5) .012 (.3)
DESCRIPTION
The QT Optoelectronics family of T-3/4 subminiature LED lamps feature a square-base, transfer molded package for surface mount applications. A tinted diffused or water clear epoxy lens -- available in AIGaAs red, high-efficiency red, green, and yellow -- produces wide-angle beam emission and sharp on/off contrast. The LEDs are offered with gullwing lead bends for top mounting, as well as yoke lead bends and Z-bends for mounting to the back of a PCB.
.024 (.6) .016 (.4)
.091 (2.3) .083 (2.1) .075 (1.9) DIA .063 (1.6)
.058 (1.48) .050 (1.28)
FEATURES
.031 (.78) .023 (.58)
s s s
CATHODE MARK
.010 (.26) .002 (.06)
.056 (1.44) .048 (1.24)
s s
Subminiature T-3/4 transfer molded Low package profile Axial leads Wide viewing angle SMT versions
NOTE:
CATHODE MARK
1. ALL DIMENSIONS ARE IN INCHES (mm)
PHYSICAL CHARACTERISTICS
TYPE HLMP-6305A HLMP-6405A HLMP-6505A HLMP-Q105A MV6700A MV6300A MV6400A HLMP-Q150A SOURCE COLOR High Efficiency Red Yellow Green AIGaAs Red High Efficiency Red Yellow Green AIGaAs Red LENS COLOR Water Clear Water Clear Water Clear Water Clear Red Diffused Yellow Diffused Green Diffused Red Diffused
SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS ABSOLUTE MAXIMUM RATING (TA = 25 C Unless otherwise specified)
PARAMETER Power dissipation Average forward current Peak forward current (1 S pulsewidth, 0.1% DF) Lead soldering time at 260 C Operating temperature Storage temperature HLMP-6305A MV6700A 135 30 90 3 -55 to 100 -55 to 100 HLMP-6405A MV6300A 85 20 60 3 -55 to 100 -55 to 100 HLMP-6505A MV6400A 135 30 90 3 -55 to 100 -55 to 100 HLMP-Q105A HLMP-Q150A 85 30 300 3 -20 to 100 -55 to 100 UNITS mW mA mA sec C C
ELECTRO-OPTICAL CHARACTERISTICS (TA = 25 C Unless otherwise specified)
PART NUMBER QTLPLuminous intensity (mcd) minimum typical Forward voltage (V) minimum typical maximum Peak wavelength (nm) Spectral line half width (nm) Reverse voltage (V) Viewing angle () 1.5 1.8 3.0 635 40 5 50 1.5 2.0 3.0 583 36 5 50 1.5 2.0 3.0 570 28 5 28 1.6* 1.8* 660 20 5 50 IR =100 A *Tested at IF = 1 mA 1.0 3.0 1.0 3.0 1.0 3.0 1.0* 1.8* IF = 10 mA MV6700A MV6300A MV6400A HLMPQ150A TEST CONDITIONS IF = 10 mA
ELECTRO-OPTICAL CHARACTERISTICS (TA = 25 C Unless otherwise specified)
PART NUMBER QTLPLuminous intensity (mcd) minimum typical Forward voltage (V) minimum typical maximum Peak wavelength (nm) Spectral line half width (nm) Reverse voltage (V) Viewing angle () 1.5 1.8 3.0 635 40 5 25 1.5 2.0 3.0 583 36 5 25 1.5 2.0 3.0 570 28 5 25 1.8* 2.4* 660 20 5 25 IR =100 A *Tested at IF = 20 mA 3.0 12.0 3.0 12.0 3.0 12.0 20.0* 50.0* IF = 10 mA HLMP6305A HLMP6405A HLMP6505A HLMPQ105A TEST CONDITIONS IF = 10 mA
SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS TYPICAL ELECTRO-OPTICAL CHARACTERISTIC CURVES (TA = 25 C)
AIGaAs RED
100 40
PEAK FORWARD CURRENT IF (mA)
90 80 70 60 50 40 30 20 10
GREEN
LUMINOUS INTENSITY
H-E RED YELLOW
30
20
YELLOW GREEN H-E RED
10
0 0 1 2 3 4 0 20 40 60 80
FORWARD VOLTAGE VF (VOLTS)
INSTANTANEOUS FORWARD CURRENT IF (mA)
FIG. 1 - Forward Current vs. Forward Voltage
FIG. 2 - Luminous Intensity vs. Forward Current
GREEN YELLOW
120% 300.0 200.0 100.0 50.0 20.0 10.0 5.0 2.0 1.0 .5 .2 .1 0 .5 1.0 1.5 2.0 2.5 3.0 3.5 100%
H-E RED AIGaAs RED
IF -- FORWARD CURRENT -- mA
RELATIVE OUTPUT VF -- FORWARD VOLTAGE -- V
80% 60% 40%
20% 0% 520 540 560 580 600 620 640 660 680 700
WAVELENGTH ( ) -- nm
FIG. 3 - Forward Current vs. Forward Voltage--AIGaAs
FIG. 4 - Spectral Distribution
SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS OPTIONAL CONFIGURATIONS PACKAGE DIMENSIONS GULLWING LEAD CONFIGURATION
ANODE .087 (2.2) .079 (2.0) CATHODE
DESCRIPTION
These subminiature solid state lamps are transfer molded in an axial lead package. They are available in yellow, green, high efficiency red and AIGaAs red in both diffused and water clear lens. Automatic placement equipment can be used to mount the LEDs on the PC board. The lamps can be mounted using either batch or in line vapor phase reflow solder processes.
.020 (.5) .012 (.3)
.024 (.6) .016 (.4)
.154 (3.90) .148 (3.75)
.091 (2.3) .083 (2.1)
FEATURES
.039 (1.0) .028 (.7) .058 (1.48) .050 (1.28) CATHODE .010 (.26) .002 (.06) .016 (.4) .008 (.2) .033 (.82) .000 (.00) .078 (1.9) .063 (1.6)
s s s s s
Available in Gullwing, Yoke and Z-bend lead formings Compatible with automatic placement equipment Compatible with vapor phase reflow soldering processes Long life -- solid state reliability Reel and tape or bulk packaging available
NOTE: ALL DIMENSIONS ARE IN INCHES (mm)
CATHODE MARK
.115 (2.92) .099 (2.52)
Z-BEND LEAD CONFIGURATION YOKE LEAD CONFIGURATION
.087 (2.2) .079 (2.0) CATHODE .020 (.5) .012 (.3) .024 (.6) .016 (.4) .240 (1.6) .232 (5.9) .091 (2.3) .083 (2.1)
.024 (.6) .016 (.4) .087 (2.2) .079 (2.0) .189 (4.8) .173 (4.4)
.020 (.5) .012 (.3) ANODE .300 (7.62) MAX .047 (1.2) .031 (0.8) CATHODE .033 (.85) .026 (.65) .048 (1.22) .032 (.82) .117 (2.96) .100 (2.56) .078 (1.9) .063 (1.6) .058 (1.48) .050 (1.28)
ANODE
CATHODE CATHODE .033 (.85) .026(.65) .034 (.86) .026 (.66)
.091(2.3) .083 (2.1)
.010 (.26) .002 (.06) .010 (.26) .002 (.06) .039 (.99) .023 (.59)
.128 (3.24) .112 (2.84)
CATHODE
.115 (2.92) .099 (2.52)
.058 (1.48) .050 (1.28)
.078 (1.9) .063 (1.6) CATHODE MARK
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 France 33 01/43.99.25.12 Germany 49 089/96.30.51 United Kingdom 44 01296/39.44.99 Asia/Pacific 603/735-2417
s s s s
(c) 1996 QT Optoelectronics QT-009-A
DS 100


▲Up To Search▲   

 
Price & Availability of MV6300A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X